Part Number Hot Search : 
MAN4740A 1A60A5 CPC1727J F1G90 YBAMU R1C10 5962F 101MH
Product Description
Full Text Search
 

To Download SF4004GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SF4001GP THRU SF4007GP
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER
VOLTAGE:50 TO 1000V CURRENT: 1.0A
FEATURE
High temperature metallurgically bonded construction Sintered glass cavity free junction Capability of meeting environmental standard of MIL-S-19500 High temperature soldering guaranteed 350C /10sec/0.375"lead length at 5 lbs tension Operate at Ta =55C with no thermal run away Typical Ir<0.2A Low power loss, high efficient
DO-41\DO-204AL
MECHANICAL DATA
Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Case: Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: color band denotes cathode Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current 3/8"lead length at Ta =55C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage at rated Forward Current and 25C Maximum full load reverse current full cycle average at 55C Ambient Maximum DC Reverse Current Ta =25C at rated DC blocking voltage Ta =125C Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 3)
Vrrm Vrms Vdc If(av) Ifsm Vf Ir(av) Ir Trr Cj R(ja) Tstg, Tj
SF40 01GP 50 35 50
SF40 02GP 100 70 100
SF40 03GP 200 140 200
SF40 04GP 400 280 400 1.0 30
SF40 05GP 600 420 600
SF40 06GP 800 560 800
SF40 07GP 1000 700 1000
units V V V A A
1.0 50 10 50 50 17 50 -65 to +175
1.7
V
A A A
75 15 60 nS pF
C
/W
Storage and Operating Temperature Range
C
Note: 1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A 2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc 3. Thermal Resistance from Junction to Ambient at 3/8"lead length, P.C. Board Mounted Rev.A1 www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES SF4001GP THRU SF4007GP
1
1
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of SF4004GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X